|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
UPD24 Series * SIP SSR * Single Channel Ratings of 15A and 25A @ 280 VAC * PCB Mount Package or Panel Mount quick connect terminals (F option) * SCR output for heavy industrial loads * Zero-crossing (resistive loads) or random-fire (inductive loads) output PRODUCT SELECTION Control Voltage 3-32 VDC 15A UPD2415 15A UPD2415-10 25A UPD2425 25A UPD2425-10 AVAILABLE OPTIONS OUTPUT SPECIFICATIONS (1) Description Operating Voltage (47-63Hz) [Vrms] Maximum Load Current [Arms](3) Transient Overvoltage [Vpk] Maximum Surge Current (16.6ms) [Apk] Maximum On-State Voltage Drop @ Rated Current [Vpk] Thermal Resistance Junction to Case [C/W] Maximum I t for fusing (8.3 msec) [A sec] Maximum Off-State Leakage Current @ Rated Voltage [mArms] Minimum Off-State dv/dt @ Maximum Rated Voltage [V/sec] (2) Minimum Power Factor (with Maximum Load) UPD2415 24-280 15 600 120 1.4 1.2 60 0.1 500 0.5 UPD2415-10 24-280 15 600 120 1.4 1.2 60 0.1 500 0.5 UPD2425 24-280 25 600 120 1.4 0.7 260 0.1 500 0.5 UPD2425-10 24-280 25 600 120 1.4 0.7 260 0.1 500 0.5 INPUT SPECIFICATIONS (1) Description Control Voltage Range Must Turn On Voltage Must Turn Off Voltage Typical Input Current @ 12 VDC Nominal Input Impedance Maximum Turn-On Time [msec] Maximum Turn-Off Time [msec] UPD2415 3-32 VDC 3.0 VDC 1.0 VDC 10 mAdc See note 4 1/2 Cycle 1/2 Cycle UPD2415-10 3-32 VDC 3.0 VDC 1.0 VDC 10 mAdc See note 4 0.02 1/2 Cycle UPD2425 3-32 VDC 3.0 VDC 1.0 VDC 10 mAdc See note 4 1/2 Cycle 1/2 Cycle UPD2425-10 3-32 VDC 3.0 VDC 1.0 VDC 10 mAdc See note 4 0.02 1/2 Cycle GENERAL SPECIFICATIONS Description Dielectric Strength, Input/Output/Base (50/60Hz) Minimum Insulation Resistance (@ 500 VDC) Maximum Capacitance, Input/Output Ambient Operating Temperature Range Ambient Storage Temperature Range Weight (typical) Parameters 2500 Vrms 109 Ohm 10 pF -40 to 80C -40 to 125C 1.5 oz. (42.5g) GENERAL NOTES 1) 2) 3) 4) All parameters at 25C and per section unless otherwise specified. Off-state dv/dt test method per EIA/NARM standard RS-443, paragraph 13.11.1 Heat sinking required, see following pages for derating curves. Input circuit incorporates active current limiter. MECHANICAL SPECIFICATIONS THERMAL DERATE INFORMATION THERMAL DERATE INFORMATION AGENCY APPROVALS Rev. 031210 ANNEX - ENVIROMENTAL INFORMATION |
Price & Availability of UPD2415-10 |